PART |
Description |
Maker |
W5232 W523X W5231 W5233 W5234 |
Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (6 seconds @6.7K) ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (12 seconds @6.7K) ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (9 seconds @6.7K) ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (3 seconds @6.7K)
|
WINBOND[Winbond] Winbond Electronics
|
T2.5-4 T10-10 T10-6 T10-8 T25-12 T25-10 T16-10 T16 |
STA-KON Copper Tube Terminals
|
List of Unclassifed Manufacturers
|
SL0833001 |
TRANS,WALL,7.5VDC/1000mA, F1,2.1X5.5mm,UL(STA-4875)
|
Ametherm, Inc
|
RTN250 |
LIT EPIP E? FOR SUR FACE MOU NT AND STA NDAR D LEDs
|
List of Unclassifed Man...
|
PSMN015-110P PSMN015-110P127 |
Trenchmos (tm) Sta N-channel TrenchMOS SiliconMAX standard level FET
|
NXP Semiconductors N.V.
|
MCRF202-I_WQ99 MCRF202 MCRF202-I_P MCRF202-I_S MCR |
The MCRF202 is a passive Radio Frequency Identification (RFID) IC device with an external sensor Input that provides an RF interface for reading the contents of a user memory array. The MCRF202 is specially designed to detect the logic sta 125 kHz Passive RFID Device with Sensor Input From old datasheet system
|
MICROCHIP[Microchip Technology]
|